PART |
Description |
Maker |
SC631 |
Fixed 4.4V Output Charge Pump Regulator
|
Semtech
|
SC630 SC630ULTRT SC630EVB |
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
|
Semtech Corporation
|
MAX682 MAX682ESA MAX683 MAX684EUA MAX683EUA MAX684 |
From old datasheet system 3.3V-Input to Regulated 5V-Output Charge Pumps(3.3V输入电压,可调,5V输出电荷 3.3V-Input to Regulated 5V-Output Charge Pumps 0.1 A SWITCHED CAPACITOR REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
MAX865 MAX865EUA MAX865C_D MAX865C/D |
Hex Inverters 14-CDIP -55 to 125 Compact Dual-Output Charge Pump Compact, Dual-Output Charge Pump
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TC1265 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VETTR |
800 mA Fixed-Output CMOS LDO with Shutdown 800毫安固定输出CMOS低压带有关断 CAP 1000PF 630V CERAMIC X7R 1206 The TC1265 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
GS1084 GS1084CE1.8 GS1084CE2.5 GS1084CE3.3 GS1084C |
IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 2.5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator 5A Low Dropout Positive Adjustable Regulator Half-Pitch DIP Switches 6CKT MINI SPOX PLUG HOUS 524006 16 NO Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders A低压差可调稳压器 16 NC Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders RoHS Compliant: NA A低压差可调稳压器
|
Vishay Semiconductors Vishay Telefunken Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MC7808ACT MC7808CT MC7809CT MC7808CTG MC7808CDT MC |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85
|
http:// Rectron Semiconductor
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
LTDBS |
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
|
Linear Technology
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
|